Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download PD10NG-483R3E21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0)6135 931069 Telefax: +49 (0)6135 931070
www.peak-electronics.de info@peak-electronics.de
PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8 Electrical Specifications
(Typical at + 25 , nominal input voltage, rated output current unless otherwise specified)
Input Specifions
Voltage range Filter 4.5-9, 9-18, 18-36 and 36-72 VDC Wide lnput Capacitor type 1000 VDC 1 G 68 PF +/-2 %, typ. 100 mV p-p, max. Continuous, auto restart +/-0.2 % typ. +/-0.5 % typ. load = 10 ~ 100% +/-0.02 % / Refer to the table 75 KHz, typ. - 40 to + 80 - 55 to + 125 Up to 90 %, non condensing Free air convection 21.80 x 9.20 x 11.10 mm Non conductive black plastic
lsolation Specifications
Rated voltage Resistance Capacitance
Output Specifications
Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient
General Specifications
Efficiency Switching frequency
Environmental Specifications
Operating temperature (ambient) Storage temperature Humidity Cooling
Physical Characteristics
Dimensions SIP Case material
Samples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD (mA) INPUT CURRENT FULL LOAD (mA) OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max.mA) EFFICIENCY FULL LOAD (% TYP.)
PD10NG-053R3E2:1 PD10NG-0505E2:1 PD10NG-0509E2:1 PD10NG-0512E2:1 PD10NG-0515E2:1 PD10NG-0524E2:1 PD10NG-123R3E2:1 PD10NG-1205E2:1 PD10NG-1209E2:1 PD10NG-1212E2:1 PD10NG-1215E2:1 PD10NG-1224E2:1 PD10NG-243R3E2:1 PD10NG-2405E2:1 PD10NG-2409E2:1 PD10NG-2412E2:1 PD10NG-2415E2:1 PD10NG-2424E2:1 PD10NG-483R3E2:1 PD10NG-4805E2:1 PD10NG-4809E2:1 PD10NG-4812E2:1 PD10NG-4815E2:1 PD10NG-4824E2:1
4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 4.5 - 9 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 9 - 18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72
41 37 38 37 37 37 24 23 22 22 22 22 12 12 12 12 11 11 8 7 7 7 7 7
487 455 458 452 452 452 237 219 215 212 212 217 117 111 108 105 102 106 58 54 53 52 52 53
3,3 5 9 12 15 24 3,3 5 9 12 15 24 3,3 5 9 12 15 24 3,3 5 9 12 15 24
606 400 222 167 133 83 606 400 222 167 133 83 606 400 222 167 133 83 606 400 222 167 133 83
68 72 71 73 73 73 70 75 77 78 78 76 71 74 78 79 80 78 72 77 78 80 80 78
PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8 Dimensions
PEAK Modelcode
21,8
9,2
1 23
5
678
11,10 0.50 0.05 3.10 typ. 0.50 0.05 2.54 typ.
0.25 0.05 3.20 typ.
2.0 0.50
Recommended footprint details
2,54
XX.X 0.5m/m XX.XX 0.25m/m Unit : mm
1.00.15 /0 2,54
Derating Graph and Pinning
Output
Temperature Derating Graph Ambient Temperature C
Pin # 1 2
Connection Single - + V V Input Input Ctrl Omitted NE + - V V Output Output CS
2.00W
3 4 5 Safe Operating Area 6 7 8
40
0
40
80 100
Control input can be left open (3) No external connection allowed (5) Optional external capacitor (8)
PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
External capacitance:
These converters will work with without external capacitors but they are necessary in order to guarantee the full line load range. All parts have been tested using the following recommended values. + Vin
Pin 3 (CTRL)
Control pin (ON/OFF) Output starts at low or open and stops when high. Voltage applied via a limiting resistor and switching diode. The converter is in a low power mode during the high level phase. + Vout
Cin - Vin Cin Cout
Converter
Connection example
Cout
- Vout
10uF/100V, low ESR. 100uF/35V, low ESR.
MCU
Vcc-5V
1K
1N4148
CONVERTER
PIN 3
Pin 8 (CS)
This pin provides a connection point to the main reservoir capacitor. Additional capacitance can be added from this to pin 7. Any low ESR capacitor will improve ripple and noise in some measure. Starting values can be in the range of 100uF.
Pin 5 (NE)
This pin is used internally and must have have no external connection.
Application Notes
Pin 3: The outside control connection. This pin provides the converter output ON/OFF, and the control common is referred to negative input. Pin 5: This pin belongs to the secondary side. It just avoids someone to reverses the primary and secondary. Pin 8: Max. 1000 uF
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV: 1 / 03.2003


▲Up To Search▲   

 
Price & Availability of PD10NG-483R3E21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X